Part Number Hot Search : 
F130410 1SMB10 CC2540 B1021RW 2SA1773 R4008 78M18 TLP3914
Product Description
Full Text Search
 

To Download 43013211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power entry modules without line filter
KEA-Print
www.schurter.com/pg05
Plug removal necessary for fuse replacement
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole for PCB
KEA-Print
KEA-Print
C14
70 C
Description
-PanelMount: Screw-onversionfromfrontorrearside,snap-inversionfromfront side -2Functions: ApplianceInletProtectionclassI,Fuseholderforfuse-links5x20mm 1-or2-pole -ForPCBmounting
Characteristics
-Allsingleelementsarealreadywired -Plugremovalnecessaryforfuse-linkreplacement Thefusedrawer"Fingergrip"canberemovedbyhand Foraddedsafety"Extra-Safe"fusedrawersareavailable FusedrawermeetsrequirementsofmedicalstandardIEC/EN60601-1 Thefuseholderisaccessiblefromtheequipmentfront -QualifiedforuseinequipmentaccordingIEC/EN60950
Approvals
Other versions on request
-VDELicenseNumber:40012272
-Withsolderterminals -Fusedrawerwithothervoltagevalues -ForprotectionclassII
References Weblinks
GeneralProductInformation Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store, Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC RatingsUL/CSA DielectricStrength 10A/250VAC;50Hz 10A/250VAC;60Hz >3kVACbetweenL-N >4kVACbetweenL/N-PE (1min/50Hz) -25Cto70C fromfrontsideIP40acc.toIEC60529 Suitableforapplianceswithprotection class1acc.toIEC61140 ForPCB1,6mm Screw:max8mm Mountingscrewtorquemax0.5Nm Snap-in:1.5/2/2.5mm Thermoplastic,black,UL94V-0 ApplianceInlet C14acc.toIEC/EN60320-1, UL498,CSAC22.2no.42(forcold conditions)pin-temperature70C,10A, ProtectionClass1 1or2pole,ShocksafecategoryPC2 acc.toIEC60127-6, forfuse-links5x20mm 5x20:2W(1pole)/1.6W(2-pole)per pole Admissiblepoweracceptanceathigherambienttemperatureseederating curves
Fuseholder
AllowableOperationTemp. DegreeofProtection ProtectionClass Terminal PanelThicknesss
RatedPowerAcceptance@ Ta23C PowerAcceptance@Ta> 23C
Material:Housing
Connectors
KEA-Print
www.schurter.com/pg05 Dimensions Screw-on mounting type KEA-PRINT
o 6.3x90 2.2 2
44mm
Power entry modules without line filter
N
4
1-pole
3
18.9
o 3.2 41.4 12.7
2-pole
5 3
20.3 R4 27.2
5.1 R2.5 36 0.1
31.2
M3/o3.6
0 +0.2 0
36 44
Template grid 1/10" = 2.54 mm Drill. O: 3/5/N = O 1.3 + 0,1/0 Gnd = O 1.6 + 0,1/0
R2.5-0.2
27.5
Snap-in mounting type KEA-PRINT
2.2
2
N
S 0.1
1-pole
3
18.9
12.7
41.4
2-pole
5 3
20.3 R4 27.2
5.1 R2.5
31.2
36
R2.5-0.2
0
27.5
+0.2 0
Template grid 1/10" = 2.54 mm Drill. O: 3/5/N = O 1.3 + 0,1/0 Gnd = O 1.6 + 0,1/0
Connectors
31.5
34
+0.2 0
31.5
34
+0.2 0
R6
Power entry modules without line filter
KEA-Print
www.schurter.com/pg05
Diagrams with internal connections 1-pole
with internal connections 2-pole
(KEA-Print)
(KEA-Print)
Derating Curves 1-pole
Admissible power acceptance in Watt
2.0
2-pole
Admissible power acceptance in Watt per pole
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 20 40 60 80 100 I = 1.0 In I = 0.7 In I = < < In
1.5 I = 1.0 In 1.0 I = 0.7 In I = << In 0.5
0.0 0 20 40 60 80 100
Ambient air temperature Ta C
Ambient air temperature Ta C
Variants
FingergripandExtra-Safe internalconnections,fusedrawermustbeorderedseparately
Type KEA-Print KEA-Print KEA-Print KEA-Print KEA-Print KEA-Print KEA-Print KEA-Print Panel mounting Screw Screw Snap-in Snap-in Snap-in Snap-in Snap-in Snap-in Panel Thickness s [mm] 1.5 2 2.5 1.5 2 2.5 Fuseholder 1-pole 2-pole 1-pole 1-pole 1-pole 2-pole 2-pole 2-pole Voltage Selectors without without without without without without without without Internally wired l l l l l l l l Order Number 4301.3211 4301.3201 4301.3212 4301.3213 4301.3214 4301.3202 4301.3203 4301.3204
Packaging unit Required Accessory
50Pcs
Description Fusedrawer 2 Fusedrawer with and without Voltage Selector Insert Fingergrip, 2-pole Extra-Safe, 2-pole Fingergrip, 1-pole Extra-Safe, 1-pole 4301.1401 4301.1403 4301.1405 4301.1407 ...
Connectors
KEA-Print
www.schurter.com/pg05 Accessories
Cord retaining kits Cord retaining strain relief Flat head, A Countersunk, B
Power entry modules without line filter
4700.0001 4700.0002
Mating Outlets/Connectors
Category / Description
Appliance Outlet Overview complete IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder, PCB or Quick-connect Terminal IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal Appliance Outlet further types to KEA-Print Connector Overview complete IEC Connector C15, Rewireable, Straight IEC Connector C15A, Rewireable, Straight IEC Connector C15A, Rewireable, Straight IEC Connector C15A, Rewireable, Angled IEC Connector C13, Rewireable, Angled Connector further types to KEA-Print Power Cord Overview complete Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13 Power Cord further types to KEA-Print 0311 3011 3012 3013 3020 ... 0101 0102 0102-G 0112 4012 ... 4787 4788 5091 5092
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon Connectors currentinformation.Allcontentissubjecttomodificationsandamendments.


▲Up To Search▲   

 
Price & Availability of 43013211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X